PART |
Description |
Maker |
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|
2SC2344 2SA1011 |
NPN Epitaxial Planar Silicon Transistors High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
MJ10005 ON1967 |
NPN SILICON POWER DARLINGTON TRANSISTORS 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS From old datasheet system
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc
|
2SC4414 |
NPN Epitaxial Planar Silicon Transistors Low-Frequency Power Amplifier Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2N2220 2N2221 2N2222 Q68000-A4573 Q62702-F134 Q627 |
NPN Silicon Planar Transistors 800 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 NPN Silicon Planar Transistors NPN硅平面晶体管
|
SIEMENS[Siemens Semiconductor Group] Siemens Group SIEMENS AG
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
MJW16010A-D MJW16010A |
NPN Silicon Power Transistors NPN Silicon Power Transistors 1 kV SWITCHMODE Series
|
ON Semiconductor
|
PMD11K80 PMD11K PMD11K100 PMD11K60 PMD10K80 PMD10K |
Silicon Power Darlington Transistors SILICON POWER DARLING TRANSISTORSl 12 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-3
|
Central Semiconductor C... CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2SA1402 2SC3596 2SC3596-F |
Si, NPN, RF POWER TRANSISTOR, TO-126 PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
MJ2500 MJ2501 |
Silicon PNP Power Transistors Silicon NPN Power Transistors
|
Savantic, Inc.
|